PART |
Description |
Maker |
CAT24C208WI-GT3 |
8-Kb Dual Port Serial EEPROM 8 KB的双端口串行EEPROM
|
ON Semiconductor
|
AM24LC21BISA AM24LC21B AM24LC21BIN AM24LC21BINA AM |
The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国56位每字举办的串行CMOS Dual Mode/ 1K-bits (128 x 8) 2-Wire Serial EEPROM Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
|
Anachip Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
LE24CBK222 |
Triple port EEPROM Two Wire Serial Interface (2K 2K EEPROM)
|
Sanyo Semicon Device
|
X84160EG-1.8 X84128 X84128-1.8 X84128-2.5 X84128E |
Advanced MPS?Micro Port Saver EEPROM with Block Lock?Protection Advanced MPS?/a> Micro Port Saver EEPROM with Block Lock?/a> Protection Advanced MPS Micro Port Saver EEPROM with Block Lock Protection Advanced MPS垄芒 Micro Port Saver EEPROM with Block Lock垄芒 Protection Advanced MPS⑩ Micro Port Saver EEPROM with Block Lock⑩ Protection 8K X 8 3-WIRE SERIAL EEPROM, PDIP8 ROHS COMPLIANT, PLASTIC, DIP-8 2K X 8 3-WIRE SERIAL EEPROM, PDIP8 ROHS COMPLIANT, PLASTIC, DIP-8 16K X 8 3-WIRE SERIAL EEPROM, PDIP8 ROHS COMPLIANT, PLASTIC, DIP-8
|
IC MICROSYSTEMS Sdn. Bhd.
|
AM24LC21SA AM24LC21 AM24LC21IN AM24LC21INA AM24LC2 |
The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each Dual Mode/ 1K-bits (128 x 8) 2-Wire Serial EEPROM Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
|
Anachip Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
BR9020-W/F-W/FV-W/RFV-W/RFVM-W |
Memory LSIs > EEPROM > 3 wire serial (Direct connection serial port)
|
ROHM
|
MAX17605 MAX17601 MAX17603 MAX17600 MAX17602 CAT24 |
4A Sink /Source Current, 12ns, Dual MOSFET Drivers 2K/4K-Bit Serial EEPROM with Partial Array Write Protection 2K/4K-Bit偏串行EEPROM阵列写保 1K/2K/4K/8K/16K SPI Serial CMOS EEPROM 1K/2K/4K/8K/16K SPI 串行 互补型金属氧化物 电可擦可编程只读存储 The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国56位每字举办的串行CMOS The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国568位每字举办的串行CMOS 16K-Bit Microwire Serial EEPROM 16K的位微型导线串行EEPROM 64K 8K x 8 Battery-Voltage CMOS E2PROM 64K8K的8电池电压的CMOS E2PROM
|
Maxim Integrated Products Atmel, Corp. ON Semiconductor TE Connectivity, Ltd.
|
CAT24C03TDI-GT3 CAT24C03TDI-T3 CAT24C05LI-T3 CAT24 |
2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection 2 kb I<sup>2</sup>C Serial EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO5 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8
|
ON Semiconductor
|
LE24CBK23MC |
Dual port EEPROM Two Wire Serial Interface
|
ON Semiconductor
|
CAT1026LI-45-GT3 CAT1026LI-45T3 CAT25C04LI-1.8TE13 |
Dual Voltage Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM 1K/2K/4K SPI Serial CMOS EEPROM 16K-Bit CMOS PARALLEL EEPROM 64K-Bit CMOS PARALLEL EEPROM 512K-Bit CMOS Flash Memory 32K/64K-Bit SPI Serial CMOS EEPROM 1 Megabit CMOS Flash Memory 512K-Bit CMOS PARALLEL EEPROM 1 Megabit CMOS Boot Block Flash Memory 256K-Bit CMOS PARALLEL EEPROM Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer Precision, Adjustable Shunt Regulator Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer 128K/256K-Bit SPI Serial CMOS EEPROM 16K-Bit Serial EEPROM, Cascadable
|
CATALYST[Catalyst Semiconductor]
|
IS23SC1604 IS23SC1604-X6 IS23SC1604-X7I IS23SC1604 |
Low-Cost, Low-Power, Highly Secured 16K Bits (2K x 8) Serial EEPROM(低价值,低功耗,高可靠6K位串行EEPROM) 16-KBIT SECURED SERIAL EEPROM 2K X 8 3-WIRE SERIAL EEPROM, UUC7
|
Integrated Silicon Solution, Inc.
|